PART |
Description |
Maker |
HFBR-5921AL |
Fibre Channel 2.125/1.0625 GBd 850 nm (2 x 5) Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver HFBR-5921AL · 2.125/1.0625 GBd Transceiver for Fibre Channel/Storage in 2x5 SFF package
|
http:// Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|
HDMP-2630B HDMP-2631B |
HDMP-2630B · 1.0625-2.125 GBd Serdes Circuits for Fibre Channel/Storage Applications: SSTL_2 HDMP-2631B · 1.0625-2.125 GBd Serdes Circuits for Fibre Channel/Storage Applications: SSTL_3
|
Agilent (Hewlett-Packard)
|
HDMP-0421 |
1.0625-1.25 GBd单端口旁路电路wirh的CDR的光纤通道/存储和千兆以太网的应 Port Bypass Circuits for Fibre Channel Arbitrated Loop Standard and its Extensions(应用于光纤通道和判优环路及其扩展的端口旁路电路) HDMP-0421 · 1.0625-1.25 GBd Single Port Bypass Circuit wirh CDR for Fibre Channel/Storage and GbE Applications
|
Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|
HFCT-59L1ATL |
HFCT-59L1ATL · 1.25/1.0625 GBd SMF Small Form Factor (SFF) PTH 2x5 Transceiver for GbE & Fibre Channel Applications
|
Agilent (Hewlett-Packard)
|
HDMP-2689 |
HDMP-2689 · 1.0625-2.125 GBd Four Channel General Purpose SerDes for Fibre Channel/Storage Applications
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|
HFBR-5803 HFBR-5803T HFBR-5803A HFBR-5803AT |
FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style HFBR-5803 · 100/125 Mbit/s MMF (2 km) 1x9 SC Duplex Transceiver for Fast Ethernet (100Base-FX) /ATM/FDDI HFBR-5803T · 100/125 Mbit/s MMF (2 km) 1x9 ST Duplex Transceiver for Fast Ethernet (100Base-FX) /ATM/FDDI HFBR-5803A · 125Mb/s Multi Mode Optical Transceivers with SC connector, -10C to 85C HFBR-5803AT · 125Mb/s Multi Mode Optical Transceivers with ST connector, -10C to 85C
|
http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
HFBR-0559 HFBR-5903 HFBR-5903A HFBR-5903E |
Evaluation Kit for Fast Ethernet for multimode 评估板快速以太网多模 HFBR-0559 · Evaluation Kit for Fast Ethernet for multimode HFBR-5903 · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet HFBR-5903A · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet: Extended Temperature HFBR-5903E · 125 Mbit/s MMF (2 km) Small Form Factor Transceiver for FDDI/Fast Ethernet: Extended Shield FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
|
Avago Technologies, Ltd. Agilent (Hewlett-Packard) http://
|
QFBR-5241 HFBR-5204P HFBR-5205P HFBR-5205PE HFBR-5 |
HFBR-5205AT · ATM MMF Transceiver for SONET OC-3/SDH STM-1 in 1x9 Package: Extended Temp., ST HFBR-5205A · ATM MMF Transceiver for SONET OC-3/SDH STM-1 in 1x9 Package: Extended Temp., SC HFBR-5205PE · ATM MMF Transceiver for SONET OC-3/SDH STM-1 in 1x9 Package: Mezz, Ext. Shield HFBR-5205P · ATM MMF Transceiver for SONET OC-3/SDH STM-1 in 1x9 Package: SC, Mezz. Height HFBR-5204P · ATM MMF Transceivers for SONET OC-3/SDH STM-1 in 1x9 Package: SC, Mezz. Height ATM MMF Transceiver for SONET OC-3/SDH STM-1 in 1x9 Package: SC. Mezz. Height ATM MMF Transceivers for SONET OC-3/SDH STM-1 in 1x9 Package: SC. Mezz. Height ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
|
Agilent (Hewlett-Packard)
|
V23818-K305-L57 V23818-K305-L17 |
MM 1.0625 GBd FC Transceiver
|
Infineon
|
V23829-M305-B57 |
SFP MM 2.125/1.0625 GBd Transceiver w...
|
Infineon
|
HFBR-0555 HFBR-5905 HFBR-5905A |
ATM Multimode Fiber Transceivers in 2 x 5 Package Style HFBR-0555 · Evaluation Kit for 155 Mbit ATM for Multimode HFBR-5905 · 155 Mbit/s MMF (2km) SFF Transceiver for SONET/SDH, ATM (OC-3): 0C to 70C HFBR-5905A · 155 Mbit/s MMF (2km) SFF Transceiver for SONET/SDH, ATM (OC-3): -40C to 85C 155 Mbit/s MMF (2km) SFF Transceiver for SONET/SDH. ATM (OC-3): -40C to 85C 155兆位/ s的SONET的人造纤维(2公里)准系统收发 SDH的。自动柜员机(的OC - 3):- 40C5C Evaluation Kit for 155 Mbit ATM for Multimode 评估板为155兆多模自动柜员机
|
http:// Agilent (Hewlett-Packard) Applied Micro Circuits, Corp. Avago Technologies, Ltd.
|